Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24142-01 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24142-01
Description  MediaClock Multimedia Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24142-01 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24142-01 Datasheet HTML 1Page - Cypress Semiconductor CY24142-01 Datasheet HTML 2Page - Cypress Semiconductor CY24142-01 Datasheet HTML 3Page - Cypress Semiconductor CY24142-01 Datasheet HTML 4Page - Cypress Semiconductor CY24142-01 Datasheet HTML 5Page - Cypress Semiconductor CY24142-01 Datasheet HTML 6Page - Cypress Semiconductor CY24142-01 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MediaClock™
Multimedia Clock Generator
CY24142
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07532 Rev. *B
Revised January 19, 2005
Features
• Integrated phase-locked loop (PLL)
• Low-jitter, high-accuracy outputs
• 3.3V operation
Benefits
• Integrated high-performance PLL eliminates the need for
— external loop filter components
• Meets critical timing requirements in complex system
designs
• Enables application compatibility
Logic Block Diagram
Pin Configuration
XIN
XOUT
OUTPUT
MULTIPLEXER
AND
DIVIDERS
PLL
OSC.
CLK1 13.5 MHz
Q
P
VCO
VDDL
AVSS
Φ
AVDD
VSS
CLK2 54 MHz
CLK3 18.432 MHz
16-pin TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
OE2
XIN
XOUT
VDD
AVSS
CLK2
CLK4
CLK3
AVDD
VDDL
NC
CLK1
OE1
CLK4 18.432 MHz
VDD
VSSL
CY24142
OE2
OE1
NC
Frequency Table
Part Number Outputs
Input Frequency
Output Frequency Range
CY24142-01
4
18.432
13.5 MHz, 54 MHz, 2 x 18.432 MHz
Output Enable Options[1]
OE2
OE1
CLK1
CLK2
CLK3
CLK4
Unit
0
0
13.5
OFF
OFF
OFF
MHz
0
1
13.5
54
18.432
OFF
MHz
1
0
13.5
OFF
OFF
18.432
MHz
1
1
13.5
54
18.432
18.432
MHz
Note:
1. Output driven LOW when “OFF.”


Similar Part No. - CY24142-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24141ZC-3 CYPRESS-CY24141ZC-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results

Similar Description - CY24142-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
logo
Rohm
BU2381FV ROHM-BU2381FV Datasheet
51Kb / 5P
   Multimedia ICs Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com