Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V161610ET-55 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V161610ET-55
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610ET-55 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V161610ET-55 Datasheet HTML 5Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 6Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 7Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 8Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 9Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 10Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 11Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 12Page - Hynix Semiconductor HY57V161610ET-55 Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HY57V161610E
Rev. 0.2 / Aug. 2003
9
AC CHARACTERISTICS (TA=0°C to 70°C, VDD=3.0V to 3.6V, VSS=0VNote1,2))
Paramter
Symbol
-5
-55
-6
-7
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
RAS cycle time
Operation
tRC
55
55
60
-
70
-
ns
Auto Refresh
tRRC
55
55
60
-
70
-
ns
RAS to CAS delay
tRCD
15
16.5
18
-
20
-
ns
RAS active time
tRAS
40
100K
38.5
100K
40
100K
45
100K
ns
RAS precharge time
tRP
3
3
3
-
3
-
CLK
RAS to RAS bank active delay
tRRD
2
2
2
-
2
-
CLK
CAS to CAS bank active delay
tCCD
1
1
1
-
1
-
CLK
Write command to data-in delay
tWTL
0
0
0
-
0
-
CLK
Data-in to precharge command
tDPL
1
1
1
-
1
-
CLK
Data-in to active command
tDAL
5
4
4
-
4
-
CLK
DQM to data-in Hi-Z
tDQZ
2
2
2
-
2
-
CLK
DQM to data mask
tDQM
0
0
0
-
0
-
CLK
MRS to new command
tMRD
2
2
2
-
2
-
CLK
Precharge to data output Hi-Z
tPROZ
3
3
3
-
3
-
CLK
Power down exit time
tPDE
1
1
1
-
1
-
CLK
Self refresh exit time
tSRE
1
1
1
-
1
-
CLK
3
Refresh Time
tREF
64
64
-
64
-
64
ms


Similar Part No. - HY57V161610ET-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610ET-55I HYNIX-HY57V161610ET-55I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610ET-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com