Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V161610ET-5I Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY57V161610ET-5I
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610ET-5I Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY57V161610ET-5I Datasheet HTML 2Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 3Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 4Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 5Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 6Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 7Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 8Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 9Page - Hynix Semiconductor HY57V161610ET-5I Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HY57V161610ET-I
Rev. 0.1 / Nov. 2003
6
DC CHARACTERISTICS II (TA= -40°C to 85°C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
Note :
1.VDD(min) is 3.15V when HY57V161610ET-7I operates at CAS latency=2 and tCK2=8.9ns.
2.VDD(min) of HY57V161610ET-5I/55I is 3.15V
3.IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open.
Parameter
Symbol
Test Condition
Speed
Unit
Note
-5
-55
-6
-7
-8
-10
-15
Operating Current
IDD1
Burst Length=1, One bank active
tRAS
≥ tRAS(min),tRP ≥ tRP(min),
IO=0mA
130
130
120
110
110
110
100
mA
2
Precharge Standby
Current
in power down mode
IDD2P
CKE
VIL(max), tCK = 15ns
2
mA
IDD2PS
CKE
VIL(max), tCK = ∞
1
Precharge Standby
Current
in non power down
mode
IDD2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK =
15ns
Input signals are changed one time
during 2Clks. All other pins
≥ VDD-0.2V
or
0.2V
25
mA
IDD2NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable.
15
Active Standby Current
in power down mode
IDD3P
CKE
VIL(max), tCK = min
3.0
mA
IDD3PS
CKE
VIL(max), tCK = ∞
3.0
Active Standby Current
in non power down
mode
IDD3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK =
min
Input signals are changed one time
during 2CLKs. All other pins
≥ VDD-
0.2V or
0.2V
50
mA
IDD3NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable
30
Burst Mode Operating
Current
IDD4
tCK
≥ tCK(min),
tRAS
≥ tRAS(min),
IO=0mA
All banks active
CL=3
130
130
120
110
110
90
80
mA
3
CL=2
--
110
110
--
-
CL=1
--
-
-
--
70
Auto Refresh Current
IDD5
tRRC
≥ tRRC(min), All banks active
130
130
110
110
110
110
100
mA
Self Refresh Current
IDD6
CKE
0.2V
2mA


Similar Part No. - HY57V161610ET-5I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610ET-5 HYNIX-HY57V161610ET-5 Datasheet
181Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-55 HYNIX-HY57V161610ET-55 Datasheet
181Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610ET-5I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com