Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1120 Datasheet(PDF) 9 Page - International Rectifier

Part # IRU1120
Description  2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1120 Datasheet(HTML) 9 Page - International Rectifier

  IRU1120 Datasheet HTML 1Page - International Rectifier IRU1120 Datasheet HTML 2Page - International Rectifier IRU1120 Datasheet HTML 3Page - International Rectifier IRU1120 Datasheet HTML 4Page - International Rectifier IRU1120 Datasheet HTML 5Page - International Rectifier IRU1120 Datasheet HTML 6Page - International Rectifier IRU1120 Datasheet HTML 7Page - International Rectifier IRU1120 Datasheet HTML 8Page - International Rectifier IRU1120 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRU1120
9
Rev. 1.3
08/20/02
www.irf.com
PKG
DESIG
P
PACKAGE
DESCRIPTION
Ultra Thin-PakTM
PARTS
PER TUBE
75
PARTS
PER REEL
2500
PACKAGE SHIPMENT METHOD
PIN
COUNT
5
T & R
Orientation
Fig A
Feed Direction
Figure A
1
1
1
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01


Similar Part No. - IRU1120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1120

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com