Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1562 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1562
Description  Hi-Speed Universal Serial Bus PCI Host Controller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1562 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1562 Datasheet HTML 1Page - NXP Semiconductors ISP1562 Datasheet HTML 2Page - NXP Semiconductors ISP1562 Datasheet HTML 3Page - NXP Semiconductors ISP1562 Datasheet HTML 4Page - NXP Semiconductors ISP1562 Datasheet HTML 5Page - NXP Semiconductors ISP1562 Datasheet HTML 6Page - NXP Semiconductors ISP1562 Datasheet HTML 7Page - NXP Semiconductors ISP1562 Datasheet HTML 8Page - NXP Semiconductors ISP1562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
9397 750 14223
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2005
5 of 98
Philips Semiconductors
ISP1562
USB PCI Host Controller
6.2 Pin description
Table 2:
Pin description
Symbol [1]
Pin
Type
Description
GNDA
1
-
analog ground
AUX1V8
2
-
1.8 V auxiliary output voltage; only for voltage conditioning; cannot be
used to supply power to external components; connected to 100 nF
and 20
µF capacitors
VI(VAUX3V3)
3
-
3.3 V auxiliary input voltage; add a 100 nF decoupling capacitor
INTA#
4
I/O
PCI interrupt
PCI pad; 3.3 V signaling; open-drain
RST#
5
I
PCI reset; used to bring PCI-specific registers, sequencers and
signals to a consistent state
3.3 V input pad; push-pull; CMOS
GNDD
6
-
digital ground
PCICLK
7
I
PCI system clock (33 MHz)
PCI pad; 3.3 V signaling
GNT#
8
I/O
PCI grant; indicates to the agent that access to the bus is granted
PCI pad; 3.3 V signaling
REQ#
9
I/O
PCI request; indicates to the arbitrator that the agent wants to use the
bus
PCI pad; 3.3 V signaling
AD[31]
10
I/O
bit 31 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
VCC(I/O)
11
-
3.3 V supply voltage; used to power pads; add a 100 nF decoupling
capacitor
AD[30]
12
I/O
bit 30 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[29]
13
I/O
bit 29 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[28]
14
I/O
bit 28 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[27]
15
I/O
bit 27 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
VI(VREG3V3)
16
-
3.3 V regulator input voltage; add a 100 nF decoupling capacitor
GNDA
17
-
analog ground
REG1V8
18
-
1.8 V regulator output voltage; only for voltage conditioning; cannot
be used to supply power to external components; connected to
100 nF and 20
µF capacitors
GNDD
19
-
digital ground
AD[26]
20
I/O
bit 26 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[25]
21
I/O
bit 25 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[24]
22
I/O
bit 24 of multiplexed PCI address and data
PCI pad; 3.3 V signaling


Similar Part No. - ISP1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1562BE NXP-ISP1562BE Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
More results

Similar Description - ISP1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
   Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com