Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ETSA-40W-U Datasheet(PDF) 1 Page - CUI INC

Part No. ETSA-40W-U
Description  AC-DC POWER SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CUI [CUI INC]
Homepage  http://www.cui.com
Logo 

   
 1 page
background image
cui.com
date 11/14/2014
page 1 of 8
SERIES: ETSA 40W U
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple and
noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
ETSA120330U
12
3.3
40
200
V
ETSA190210U
19
2.1
40
240
V
ETSA240167U
24
1.67
40
240
V
ETSA480083U
48
0.83
40
300
V
Notes:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with 10 µF aluminum electrolytic and 0.1 µF ceramic capacitors.
FEATURES
• 40 W power
• compact size
• universal input (90~264 Vac)
• single regulated output from 12~48 V
• over voltage and short circuit protection
• UL/cUL, GS, PSE safety approvals
• level V efficiency
• custom designs available
PART NUMBER KEY
ETSA120330U X - XX - SZ - CXX
Factory
Designation
Base Number
example of 12 Vdc, 3.3 A
Reserved for Custom
Configurations
Input Cable:
“Blank” = No Cable
C = North American input cable
2 = European input cable
3 = United Kingdom input cable
4 = Australian input cable
5 = China input cable
6 = South Korea input cable
7 = Brazil input cable
8 = South Africa input cable
9 = Japan input cable
DC Plug Type:
see output plug options
on page 7
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl