Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





ETSA-60W-UD Datasheet(PDF) 8 Page - CUI INC

Part No. ETSA-60W-UD
Description  AC-DC POWER SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CUI [CUI INC]
Homepage  http://www.cui.com
Logo 

   
 8 page
background image
date 11/18/2014
│ page 8 of 8
CUI Inc
│ SERIES: ETSA 60W UD │ DESCRIPTION: AC-DC POWER SUPPLY
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference, and
(2) this device must accept any interference received, including interference that may cause undesired operation.
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
01/24/2010
1.01
new template applied
12/22/2011
1.02
P7/P7R B dimension updated, V-Infinity branding removed, safety and
EMI/EMC data updated
08/21/2012
1.03
updated series/model numbers
11/20/2012
1.04
corrected dc cord lengths
01/16/2013
1.05
added ac cord options
11/18/2014
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl