Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


UHP-750 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. UHP-750
Description  750W Slim Type with PFC Switching Supply
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 4 page
background image
MECHANICAL SPECIFICATION
Case No.270B
Unit:mm
File Name:UHP-750-SPEC 2019-02-11
750W Slim Type with PFC Switching Supply
UHP-750 series
Pin No.
1
3
2
Assignment
AC/L
AC/N
AC Input Terminal(TB1) pin NO. Assignment
Terminal
DECA
DC Output Terminal(TB2,TB3) pin NO. Assignment
Pin No.
1,2
Assignment
+V
Terminal
(MW)
Pin No.
1
2
Assignment
DC COM1
DC COM2
DC OK Connector(CN11):JST S2B-PH-KL or requivalent
Mating Housing
JST PHR-2
or requivalent
Terminal
JST SPH-002T-P0.5S
or requivalent
T21-EM10-03
NEL-400-02P
Max mounting torque
Max mounting torque
5Kgf-cm
8Kgf-cm
3,4
-V
229
4
4.2 L=6
-Ļˆ
237
4
3
2
1
4
TB2
TB3
TB1
1
2
3
CN11
tc
118.5
DC OK RELAY CONTACT
Contact Close
PSU turns on/DC ok
PSU turns off/DC fail
30Vdc/1A resistive load
Contact Open
Contact Rating(max.)
SVR




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl