Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





CLU731-1210C4 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLU731-1210C4
Description  High Intensity COB
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo 

 6 page
background image
Ref.CE-0046P-201710
4. Characteristic Curves
4-1. Forward Current Characteristics / Temperature Characteristics
6
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Tc=25C
Tc=25C
Case Temperature vs. Forward Voltage
Case Temperature vs. Relative Luminous Flux
If=1750mA
If=1750mA
29.0
31.0
33.0
35.0
37.0
39.0
41.0
0
500
1000
1500
2000
2500
If [mA]
0%
25%
50%
75%
100%
125%
150%
0
500
1000
1500
2000
2500
If [mA]
35.5
36.5
37.5
38.5
39.5
40.5
0
25
50
75
100
Tc [C]
0%
25%
50%
75%
100%
125%
0
25
50
75
100
Tc [C]




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl