Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVS3-XXXC-M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTVS3-XXXC-M
Description  High Current TVS Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS3-XXXC-M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTVS3-XXXC-M_18 Datasheet HTML 1Page - Bourns Electronic Solutions PTVS3-XXXC-M_18 Datasheet HTML 2Page - Bourns Electronic Solutions PTVS3-XXXC-M_18 Datasheet HTML 3Page - Bourns Electronic Solutions PTVS3-XXXC-M_18 Datasheet HTML 4Page - Bourns Electronic Solutions PTVS3-XXXC-M_18 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTVS3-xxxC-MSeriesHighCurrentTVSDiodes
Typical Part Marking
PTVS3-066C-M ........................................................................ 3066
PTVS3-076C-M ........................................................................ 3076
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
How to Order
PTVS 3 - xxx C-M
Series
PTVS = Power TVS High Current Diode
Peak Current Rating
3 = 3 kA
Repetitive Standoff Voltage
066 = 66 V
076 = 76 V
Suffix
C = Bidirectional Device
M = Surface Mount
DIMENSIONS:
MM
(INCHES)
This is an RoHS compliant*, molded package with 100 % Sn on the
terminations, and a flammability rating of UL 94-V-0.
E
D
E1
A
C
b
L
b1
L2
L1
2.54
(0.100)
1.35
(0.053)
5.33
(0.210)
3.51
(0.138)
18.31
(0.721)
10.80
(0.425)
13.72
(0.540)
Product Dimensions
Recommended Pad Layout
E
D
E1
A
C
b
L
b1
L2
L1
2.54
(0.100)
1.35
(0.053)
5.33
(0.210)
3.51
(0.138)
18.31
(0.721)
10.80
(0.425)
13.72
(0.540)
DIMENSIONS:
MM
(INCHES)
Dim.
Min.
Max.
A
6.94
(0.273)
7.24
(0.285)
b
5.15
(0.203)
5.65
(0.222)
b1
10.55
(0.415)
11.05
(0.435)
C
0.37
(0.015)
0.45
(0.018)
D
13.45
(0.530)
14.60
(0.575)
E
17.85
(0.703)
18.72
(0.737)
E1
15.50
(0.610)
16.05
(0.632)
L
2.30
(0.091)
2.80
(0.110)
L1
3.35
(0.132)
3.75
(0.148)
L2
13.16
(0.518)
13.76
(0.518)
Mold flash or protrusion shall not exceed 0.25 mm.


Similar Part No. - PTVS3-XXXC-M_18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_V01 Datasheet
228Kb / 5P
   PTVS3-xxxC-M Series High Current TVS Diodes
07/19
More results

Similar Description - PTVS3-XXXC-M_18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
358Kb / 3P
   High Current TVS Diodes
PTVS10-058C-TH BOURNS-PTVS10-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M Datasheet
375Kb / 4P
   High Current TVS Diodes
PTVS3-058C-TH BOURNS-PTVS3-058C-TH Datasheet
243Kb / 3P
   High Current TVS Diodes
PTVS10-058C-SH BOURNS-PTVS10-058C-SH Datasheet
371Kb / 3P
   High Current TVS Diodes
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M_18 Datasheet
666Kb / 5P
   High Current TVS Diodes
PTVS6-XXXC-M BOURNS-PTVS6-XXXC-M Datasheet
375Kb / 4P
   High Current TVS Diodes
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M Datasheet
377Kb / 4P
   High Current TVS Diodes
PTVS6-XXXC-M BOURNS-PTVS6-XXXC-M_18 Datasheet
470Kb / 5P
   High Current TVS Diodes
PTVS6-058C-TH BOURNS-PTVS6-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com