Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





XTHA-2FS0-QD_19 Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. XTHA-2FS0-QD_19
Description  Stainless Steel
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo 

   
 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XTHA-2FS0-QD
1/4" female NPT Quick-connect x male Quick-test XT, S.S.
Connect Quick-test XT hoses to a male NPT
pressure gauge. It allows one to connect a hose
to a pressure gauge, calibrate it and remove it
without a wrench or thread sealant.
XTHA-2FS0-QD
Specs/Attributes
Country of origin
USA
Dimensions A
0.00 In / 0.00 mm
Dimensions B
0.00 In / 0.00 mm
Has Check Valve
No
Materials
Stainless Steel
Max Pressure
15000 PSI / 1035 bar / 105 MPa
Max Temperature
400 °F / 205 °C
Min Temperature
-15 °F / -26 °C
Seal Materials
Teflon, Viton




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl