Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC16PD-2185 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZC16PD-2185
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC16PD-2185 Datasheet(HTML) 1 Page - Mini-Circuits

  ZC16PD-2185 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Freq.
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
S-1
Adjacent
Opposite
A
B
C
D
E
F
G
8.50
3.95
.75
.250 8.250
_
.187
215.90 100.33
19.05
6.35 209.55
_
4.75
H
J
K
L
M
wt
4.250
.38
.500
.475 3.475
grams
107.95
9.65
12.70
12.07
88.27
710
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,.....,16
1,2,3,.....,16
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
1.75W max.
Outline Drawing
ZC16PD-2185+
electrical schematic
16 Way-0°
50Ω
1800 to 2600 MHz
Power Splitter/Combiner
REV. D
M166133
ZC16PD-2185+
HY/TD/CP/AM
180206
Coaxial
CASE STYLE: UU179
Connectors Model
SMA
ZC16PD-2185-S+
Features
• excellent VSWR, 1.1:1 typ.
• low insertion loss, 0.5 dB typ.
• high isolation, 30 dB typ.
• up to 10W power input as splitter
• rugged shielded case
Applications
• PCS/DCS
• UMTS
• ISM
• communication systems
Typical Performance Data
ZC16PD-2185
TOTAL LOSS
12.0
12.2
12.4
12.6
12.8
13.0
13.2
1800
2000
2200
2400
2600
FREQUENCY (MHz)
ZC16PD-2185
ISOLATION
15
25
35
45
55
65
75
1800
2000
2200
2400
2600
FREQUENCY (MHz)
ADJACENT (dB)
OPPOSITE (dB)
ZC16PD-2185
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1800
2000
2200
2400
2600
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Outline Dimensions (
)
inch
mm
1800.00
12.61
0.19
20.04
33.87
4.68
1.13
1.11
1832.00
12.65
0.13
20.67
34.66
3.93
1.04
1.09
1896.00
12.73
0.12
22.14
36.22
3.65
1.20
1.03
1960.00
12.59
0.16
23.99
38.65
3.98
1.04
1.09
2024.00
12.84
0.14
26.31
41.58
3.27
1.34
1.06
2088.00
12.67
0.17
29.75
46.68
4.02
1.08
1.03
2152.00
12.75
0.23
36.16
63.79
3.92
1.16
1.09
2216.00
12.72
0.15
43.18
48.61
4.30
1.13
1.03
2280.00
12.72
0.28
33.63
42.58
4.66
1.09
1.07
2344.00
12.87
0.22
29.19
39.32
4.40
1.30
1.04
2408.00
12.85
0.23
26.51
37.47
4.27
1.34
1.04
2472.00
12.89
0.21
24.51
36.76
3.86
1.11
1.07
2536.00
12.77
0.26
22.68
36.09
4.78
1.12
1.02
2568.00
12.81
0.45
21.89
36.16
4.55
1.10
1.07
2600.00
12.86
0.28
20.92
35.99
3.31
1.30
1.11
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss +12dB splitter loss.
HT-Series
Tight Spot
SMA Wrench
From $24.95
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 12 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
Typ. Min.
Typ.
Max.
Max.
Max.
S
OUT
Typ.
Max.
Typ.
Max.
1800-2600
30
16
0.5
1.4
6
0.7
1.15
1.6
1.05
1.3


Similar Part No. - ZC16PD-2185

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZC16PD-23 MINI-ZC16PD-23 Datasheet
294Kb / 1P
   Power Splitter/Combiner
ZC16PD-23-S MINI-ZC16PD-23-S Datasheet
294Kb / 1P
   Power Splitter/Combiner
ZC16PD-24 MINI-ZC16PD-24 Datasheet
286Kb / 1P
   Power Splitter/Combiner
ZC16PD-24++ MINI-ZC16PD-24+ Datasheet
286Kb / 1P
   Power Splitter/Combiner
ZC16PD-24-S++ MINI-ZC16PD-24-S+ Datasheet
286Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - ZC16PD-2185

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com