Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





A7330 Datasheet(PDF) 8 Page - AIT Components Ltd.

Part No. A7330
Description  DC-DC CONVERTER BUCK SENSORLESS CC/CV
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7330
DC-DC CONVERTER BUCK (STEP-DOWN)
SENSORLESS CC/CV
REV1.0
- JAN 2016 RELEASED -
- 8 -
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is
dependent on the inductance value.
Higher inductance reduces the peak-to-peak ripple current. The trade off for high inductance value is the
increase in inductor core size and series resistance, and the reduction in current handling capability. In
general, select an inductance value L based on ripple current requirement:
L =
RIPPLE
LOADMAX
SW
IN
OUT
IN
OUT
K
x
I
x
x
V
)
V
(V
x
V
Where VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, ILOADMAX is the
maximum load current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE=30% to correspond to the
peak-to-peak ripple current being 30% of the maximum load current.
With a selected inductor value the peak-to-peak inductor current is estimated as:
ILPK-PK =
L
SW
IN
OUT
IN
OUT
x
x
V
)
V
(V
x
V
The peak inductor current is estimated as:
ILPK = ILOADMAX +
2
1
ILPK-PK
The selected inductor should not saturate at ILPK.
The maximum output current is calculated as:
IOUTMAX = ILIM -
2
1
ILPK-PK
ILIM is the internal current limit, which is typically 5.4A, as shown in Electrical Characteristics Table.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl