Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





A7335 Datasheet(PDF) 6 Page - AIT Components Ltd.

Part No. A7335
Description  DC-DC CONVERTER BUCK SYNCHRONOUS CV/CC
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7335
DC-DC CONVERTER BUCK (STEP-DOWN)
30V, 3.5A SYNCHRONOUS CV/CC
REV1.0
- NOV 2017 RELEASED -
- 6 -
TYPICAL PERFORMANCE CHARACTERISTICS
All curves taken at VIN = 12V with configuration in 17W CC/CV typical application circuit for VOUT = 5.0V shown
in this datasheet. TA = 25Ā°C, unless otherwise specified.
1.
Efficiency, VOUT = 3.3V
2.
Efficiency, VOUT = 5.0V
3.
Load Transient
VIN =12V, VOUT =5V, IOUT =0.5 to 3.0A
4.
Load Transient
VIN =12 V, VOUT =9 V, IOUT =0.5 to 1.5 A
5.
Start up from VIN
VIN =12V, VOUT =5V, IOUT = 3A
6.
Shutdown form VIN
VIN =12V, VOUT =5V, IOUT = 3A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl