Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





A7506 Datasheet(PDF) 5 Page - AIT Components Ltd.

Part No. A7506
Description  DC-DC CONVERTER BOOST CONSTANT FREQUENCY SYNCHRONUS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 
 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7506
DC-DC CONVERTER BOOST(STEP-UP)
1.2MHz CONSTANT FREQUENCY SYNCHRONUS
REV1.1
- APR 2009 RELEASED, MAY 2017 UPDATED -
- 5 -
TYPICAL PERFORMANCE CHARACTERISTICS
1.
Efficiency vs. Output Current
VOUT=3.3V, TA=25
2.
Efficiency vs. Output Current
VOUT=5.0V, TA=25
3.
Output Voltage vs. Output Current
VOUT=3.3V, TA=25
4.
Output Voltage vs. Output Current
VOUT=5.0V, TA=25
5.
Minimum Start-Up Voltage vs. Output Current
VOUT=3.3V, TA=25
6.
Maximum Output Current vs. Input Voltage
L=4.7uH,, TA=25




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl