Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


A7531 Datasheet(PDF) 5 Page - AIT Components Ltd.

Part No. A7531
Description  DC-DC CONVERTER/BOOST HIGH EFFICIENCY, MULTI-FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 
 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7531
DC-DC CONVERTER/BOOST(STEP-UP)
HIGH EFFICIENCY, MULTI-FUNCTION
REV2.1
- MAR 2007 RELEASED, APR 2016 UPDATED -
- 5 -
TYPICAL PERFORMANCE CHARACTERISTICS
Recommended operating conditions: L=10uH, CIN=47uF, COUT=100uF, Cp=1nF Topt=25Ā°C.
unless otherwise noted
1.
Output Voltage vs. Output Current
2.
Output Voltage vs. Output Current
3.
Efficiency vs. Output Current
4.
Efficiency vs. Output Current
5.
Ripple vs. Output Current
6.
Ripple vs. Output Current




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl