Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





A7533 Datasheet(PDF) 9 Page - AIT Components Ltd.

Part No. A7533
Description  DC-DC CONVERTER BOOST SYNCHRONOUS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 
 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7533
DC-DC CONVERTER BOOST(STEP-UP)
LOW VOLTAGE STARTUP, 1MHz, 500mA SYNCHRONOUS
REV2.0
- JUL 2010 RELEASED, JUN 2017 UPDATED -
- 9 -
PACKAGE INFORMATION
Dimension in SOT-25 Package (Unit: mm)
NOTE
ļ¼šPackage Outline Exclusive Of Mold Flash and Metal Burr.
Symbol
Min
Max
A
0.90
1.10
A1
0.01
0.10
b
0.30
0.50
c
0.09
0.20
D
2.90 BSC
E
2.60
3.00
E1
1.60 BSC
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.55
L1
0.60 REF
L2
0.25 BSC
Īø
0Ā°
8Ā°
ccc
0.10
0.10
ddd
0.20
0.20




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl