Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


A7533 Datasheet(PDF) 4 Page - AIT Components Ltd.

Part No. A7533
Description  DC-DC CONVERTER BOOST SYNCHRONOUS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 
 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7533
DC-DC CONVERTER BOOST(STEP-UP)
LOW VOLTAGE STARTUP, 1MHz, 500mA SYNCHRONOUS
REV2.0
- JUL 2010 RELEASED, JUN 2017 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
VIN=1.8V, VOUT=3.3V, unless otherwise specified. Typical values are at TA=25
Parameter
Conditions
MIN
TYP
MAX
Unit
Minimum Input Voltage
-
0.7
-
V
Startup Voltage
-
0.85
1.1
V
Output Voltage
FB = OUT
3.23
3.3
3.36
V
FB = G
4.90
5
5.10
V
FB Feedback Voltage
VOUT = 2.5 to 5V
-
0.6
-
V
FB Input Current
-
-
50
nA
Output Voltage Range
External divider
2.5
-
5
V
Quiescent Current at OUT
VFB = 0.7V
-
50
-
µA
Shutdown Supply Current at OUT
EN = G
-
0.1
1
µA
Switching Frequency
-
1.0
-
MHz
NMOS Switch ON Resistance
ISW = 100mA
-
0.3
-
Ω
PMOS Switch ON Resistance
ISW = 100mA
-
0.6
-
Ω
NMOS Switch Current Limit
1
-
-
A
SW Leakage Current
VOUT = 5.5V, VSW = 0 or 5.5V,
EN = G
-
-
1
uA
EN Input Current
-
-
1
uA
EN Input Low Voltage
-
-
0.3
V
EN Input High Voltage
0.6
-
-
V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl