Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTR245DW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVTR245DW
Description  3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTR245DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVTR245DW Datasheet HTML 1Page - Texas Instruments SN74LVTR245DW Datasheet HTML 2Page - Texas Instruments SN74LVTR245DW Datasheet HTML 3Page - Texas Instruments SN74LVTR245DW Datasheet HTML 4Page - Texas Instruments SN74LVTR245DW Datasheet HTML 5Page - Texas Instruments SN74LVTR245DW Datasheet HTML 6Page - Texas Instruments SN74LVTR245DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN54LVTR245, SN74LVTR245
3.3-V ABT OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS428 – OCTOBER 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54LVTR245
SN74LVTR245
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
2.7
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
5.5
5.5
V
IOH
High level output current
B port
–24
–32
mA
IOH
High-level output current
A port
–8
–12
mA
IOL
Low-level output current
24
32
mA
IOL†
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns / V
TA
Operating free-air temperature
–55
125
–40
85
°C
† Current duty cycle
≤ 50%, f ≥ 1 kHz
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTR245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTR245 TI-SN74LVTR245 Datasheet
206Kb / 10P
[Old version datasheet]   33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTR245NSR TI-SN74LVTR245NSR Datasheet
206Kb / 10P
[Old version datasheet]   33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTR245PW TI-SN74LVTR245PW Datasheet
206Kb / 10P
[Old version datasheet]   33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTR245PWR TI-SN74LVTR245PWR Datasheet
206Kb / 10P
[Old version datasheet]   33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTR245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245_08 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTZ245 TI1-SN74LVTZ245 Datasheet
227Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com