Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





FCBP110LD1L03 Datasheet(PDF) 1 Page - Finisar Corporation.

Part No. FCBP110LD1L03
Description  10Gb/s Laserwire™ Serial Data Link Active Cable
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

   
 1 page
background image
F i n i s a r
© Finisar Corporation April 2012
Rev. B3
Page 1
Product Specification
10Gb/s Laserwire™ Serial Data Link Active Cable
FCBP110LD1Lxx
PRODUCT FEATURES
• Single 1.0 – 10.3125 Gb/s
bi-directional link.
• RoHS-6 compliant (lead-free)
• Available in lengths of
3, 5, 10, 20 and 30m
• Metal enclosure for low EMI
• Single 3.3V power supply
• Low power dissipation:
<500mW typical per end
• Operating temperature range:
0°C to 60°C
• RJ-45 width
• Red/Green LED indicators
APPLICATIONS
• 1/10 Gigabit Ethernet
• 1/2/4/8G Fibre Channel
• InfiniBand x1
• High Performance Computing
Interconnects
• SATA/SAS
• HDMI
• PCI-e x1
Finisar’s Laserwire™ active cables provide the lowest-cost serial data link solution for up
to 10 Gb/s, while providing a very lightweight, low-EMI and low-power alternative to
comparable short reach solutions. Laserwire™ operates independently of protocol and
can thus be used in a wide range of applications. Laserwire™ plugs into the Laserwire™
Jack (P/N FCBJ110LE1), a small-footprint host-board connector. In addition, connection
to SFP+, QSFP or XFP ports is possible using Laserwire™ SFP+, QSFP or XFP adapters
(P/N FTLX0071D4BNL, FTLX00Q1D4BNL or FTLX0011D4BNL, respectively).
Laserwire™ utilizes a limiting receiver, avoiding the challenges of a linear receiver
interface.
PRODUCT SELECTION
FCBP110LD1L03 3-meter cable
FCBP110LD1L05 5-meter cable
FCBP110LD1L10 10-meter cable
FCBP110LD1L20 20-meter cable
FCBP110LD1L30 30-meter cable




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl