Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





CC10-4805SF-E Datasheet(PDF) 1 Page - TDK Electronics

Part No. CC10-4805SF-E
Description  DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

   
 1 page
background image
DC-DC Converters
1 of 1
Creation Date : March 05, 2019 (GMT)
CC10-4805SF-E
Sales Region
Worldwide
Series
CC-E
Status
Production
Option
DIP type
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Rated Input Voltage[DC]
48V
Input Voltage Range[DC]
36 to 76V
Eļ¬ƒciency
86% Typ.
Rated Output Voltage[DC]
5V
Output Voltage Range[DC]
4.75 to 6V
Maximum Output Current
Maximum Ripple Noise
120mV
Maximum Output Power
10W
Withstanding Voltage1
Input - Case: 500VAC: 1min.
Withstanding Voltage2
Input - Output: 500VAC: 1min.
Withstanding Voltage3
Output - Case: 500VAC: 1min.
Cases Shape & Size
Caseā€™ļ½“ shape
On board/Power module
Width(W)
35.56mm Nom.
Height(H)
8.5mm Nom.
Depth(D)
22.6mm Nom.
Weight
10g Typ.
Industry Standard Size
Terminal Style
DIP
Other
Operating Temp. Range
-40 to 85Ā°C
Isolated / Non-isolated
Isolated
Feature
Safety Standard(Certiļ¬ed)
UL60950-1
CSA C22.2 No.60950-1 (C-UL)
EN60950-1 (NEMKO)
Safety Standard(Conformed)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl