Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM033Z71A104ME14 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GRM033Z71A104ME14
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033Z71A104ME14 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GRM033Z71A104ME14 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
4. Part of the leader and part of the vacant section are attached as follows.
The sprocket holes are to the right as the tape is pulled toward the user.
5. Accumulate tolerance of sprocket holes pitch = +/-0.3mm/10 pitch
6. Chip in the tape is enclosed as shown in 2.Dimensions of Tape.
7. The top tape and carrier tape are not attached at the end of the tape for a minimum of 5 pitches.
8. There are no jointing for top tape and bottom tape.
9. There are no fuzz in the cavity.
10. Break down force of top tape : 5N min.
Break down force of bottom tape : 5N min. (Only a bottom tape existence )
11. Reel is made by resin and appeaser and dimension is shown in 3.Dimensions of Reel.
 
There are possibly to change the material and dimension due to some impairment.
12. Peeling off force :
0.05N to 0.5N
in the direction as shown below.
13. Label that show the customer parts number, our parts number, our company name, inspection
number and quantity, will be put in outside of reel.
図1 チップ詰め状態
(単位:mm)
165° to 180°
Top tape
図1 チップ詰め状態
(単位:mm)
Tail vacant Section
Chip-mounting Unit
Leader vacant Section
Leader Unit
(Top Tape only)
Direction
of Feed
160 min.
190 min.
210 min.
 
GRM033Z71A104ME14-01A


Similar Part No. - GRM033Z71A104ME14

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM033Z71A104ME14A MURATA-GRM033Z71A104ME14A Datasheet
785Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM033Z71A104ME14

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com