Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM033Z71A104ME14 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM033Z71A104ME14
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033Z71A104ME14 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM033Z71A104ME14 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM033Z71A104ME14 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Chip Multilayer Ceramic Capacitors for General Purpose
GRM033Z71A104ME14_(0201,X7R(MURATA),0.1uF,DC 10 V)
_:Packaging Code
Reference Sheet
■ Scope
This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
■ MURATA Part No. System
■ Type
■ Rated Value
(1)Size Code :
0201
(3)Temperature Characteristics :Z7(Public STD Code :X7R(MURATA))
■ Package
Product specifications in this catalog are as of Nov.20,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
g
Temp. coeff
or Cap. Change
(4)Rated
Voltage
(3)Temperature Characteristics
Ref.Temp.
Temp. Range
Mounting
Method
Reflow
-55 to 125 ℃
0.1uF
+/-20 %
-55 to 125 ℃
Operating
Temp. Range
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
25 ℃
(Ex.)
0.6
+/-0.03
0.3
+/-0.03
0.3
+/-0.03
D
(8)Code
Packaging Unit
MURATA PART NO.
Packaging
GRM033Z71A104ME14_
(1)-1 L
(1)-2 W
(2) T
e
0.1
to 0.2
Dimensions(mm)
0.2 min.
W
15000 pcs./Reel
30000 pcs./Reel
φ180mm Reel
PAPER Tape W8P2
φ180mm Reel
PAPER Tape W8P1
J
φ330mm Reel
PAPER Tape W8P2
50000 pcs./Reel
+/-15 % *
* Range of capacitance change rate with 50% rated voltage applied.
(As for detail, please see the No.8 Capacitance Temperature Characteristics.)
DC 10 V
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)
Murata’s
Control Code
GRM
03
3
Z7
1A
104
M
E14
D
GRM033Z71A104ME14-01A


Similar Part No. - GRM033Z71A104ME14

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM033Z71A104ME14A MURATA-GRM033Z71A104ME14A Datasheet
785Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM033Z71A104ME14

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com