Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZS2A1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZS2A1
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS2A1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZS2A1 Datasheet HTML 1Page - Renesas Technology Corp HZS2A1 Datasheet HTML 2Page - Renesas Technology Corp HZS2A1 Datasheet HTML 3Page - Renesas Technology Corp HZS2A1 Datasheet HTML 4Page - Renesas Technology Corp HZS2A1 Datasheet HTML 5Page - Renesas Technology Corp HZS2A1 Datasheet HTML 6Page - Renesas Technology Corp HZS2A1 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HZS Series
Rev.3.00, Mar.11.2004, page 5 of 6
Main Characteristic
0
5
10 15 20 25 30 35 40
50
40
30
20
10
0
−10
−20
−30
−40
−50
0.10
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.10
mV/
°C
5
10152025303540
0
500
400
300
200
100
200
150
100
50
0
0
2.5 mm
3 mm
Printed circuit board
100 180 1.6t mm
Material: paper phenol
×
×
l
l = 5 mm
l = 10 mm
(Publication value)
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
10
–5
10
–6
10
–4
10
–3
10
–2
10
–7
10
–8
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
%/
°C
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)


Similar Part No. - HZS2A1

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HZS2A1 SEMTECH_ELEC-HZS2A1 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
More results

Similar Description - HZS2A1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com