Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F800B3TA90 Datasheet(PDF) 5 Page - Intel Corporation

Part # GE28F800B3TA90
Description  3 Volt Advanced Boot Block Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F800B3TA90 Datasheet(HTML) 5 Page - Intel Corporation

  GE28F800B3TA90 Datasheet HTML 1Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 2Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 3Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 4Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 5Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 6Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 7Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 8Page - Intel Corporation GE28F800B3TA90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
3UHOLPLQDU\
v
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
Revision History
Number
Description
-001
Original version
-002
Section 3.4,
VPP Program and Erase Voltages, added
Updated Figure 9:
Automated Block Erase Flowchart
Updated Figure 10:
Erase Suspend/Resume Flowchart (added program to table)
Updated Figure 16:
AC Waveform: Program and Erase Operations (updated notes)
IPPR maximum specification change from ±25 µA to ±50 µA
Program and Erase Suspend Latency specification change
Updated Appendix A:
Ordering Information (included 8 M and 4 M information)
Updated Figure, Appendix D:
Architecture Block Diagram (Block info. in words not bytes)
Minor wording changes
-003
Combined byte-wide specification (previously 290605) with this document
Improved speed specification to 80 ns (3.0 V) and 90 ns (2.7 V)
Improved 1.8 V I/O option to minimum 1.65 V (Section 3.4)
Improved several DC characteristics (Section 4.4)
Improved several AC characteristics (Sections 4.5 and 4.6)
Combined 2.7 V and 1.8 V DC characteristics (Section 4.4)
Added 5 V VPP read specification (Section 3.4)
Removed 120 ns and 150 ns speed offerings
Moved
Ordering Information from Appendix to Section 6.0; updated information
Moved
Additional Information from Appendix to Section 7.0
Updated figure Appendix B,
Access Time vs. Capacitive Load
Updated figure Appendix C,
Architecture Block Diagram
Moved Program and Erase Flowcharts to Appendix E
Updated
Program Flowchart
Updated
Program Suspend/Resume Flowchart
Minor text edits throughout
-004
Added 32-Mbit density
Added 98H as a reserved command (Table 4)
A1–A20 = 0 when in read identifier mode (Section 3.2.2)
Status register clarification for SR3 (Table 7)
VCC and VCCQ absolute maximum specification = 3.7 V (Section 4.1)
Combined IPPW and ICCW into one specification (Section 4.4)
Combined IPPE and ICCE into one specification (Section 4.4)
Max Parameter Block Erase Time (tWHQV2/tEHQV2) reduced to 4 sec (Section 4.7)
Max Main Block Erase Time (tWHQV3/tEHQV3) reduced to 5 sec (Section 4.7)
Erase suspend time @ 12 V (tWHRH2/tEHRH2) changed to 5 µs typical and 20 µs maximum
(Section 4.7)
Ordering Information updated (Section 6.0)
Write State Machine Current/Next States Table updated (Appendix A)
Program Suspend/Resume Flowchart updated (Appendix F)
Erase Suspend/Resume Flowchart updated (Appendix F)
Text clarifications throughout
-005
µBGA package diagrams corrected (Figures 3 and 4)
IPPD test conditions corrected (Section 4.4)
32-Mbit ordering information corrected (Section 6)
µBGA package top side mark information added (Section 6)
-006
VIH and VILSpecification change (Section 4.4)
ICCS test conditions clarification (Section 4.4)
Added Command Sequence Error Note (Table 7)
Datasheet renamed from
Smart 3 Advanced Boot Block 4-Mbit, 8-Mbit, 16-Mbit Flash
Memory Family.
Added device ID information for 4-Mbit x8 device
Removed 32-Mbit x8 to reflect product offerings
Minor text changes
-007
Corrected RP# pin description in Table 2,
3 Volt Advanced Boot Block Pin Descriptions
Corrected typographical error fixed in
Ordering Information


Similar Part No. - GE28F800B3TA90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F800C3BA70 INTEL-GE28F800C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F800C3BA90 INTEL-GE28F800C3BA90 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F800C3BC70 INTEL-GE28F800C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F800C3BD70 INTEL-GE28F800C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F800C3TA70 INTEL-GE28F800C3TA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - GE28F800B3TA90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com