Electronic Components Datasheet Search |
|
HT46R65-56 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc |
|
HT46R65-56 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc |
7 / 48 page HT46R65/HT46C65 Rev. 1.80 7 July 14, 2005 Functional Description Execution Flow The system clock is derived from either a crystal or an RC oscillator or a 32768Hz crystal oscillator. It is inter- nally divided into four non-overlapping clocks. One in- struction cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes one instruction cycle while de- coding and execution takes the next instruction cycle. The pipelining scheme makes it possible for each in- struction to be effectively executed in a cycle. If an in- struction changes the value of the program counter, two cycles are required to complete the instruction. Program Counter - PC The program counter (PC) is 13 bits wide and it controls the sequence in which the instructions stored in the pro- gram ROM are executed. The contents of the PC can specify a maximum of 8192 addresses. After accessing a program memory word to fetch an in- struction code, the value of the PC is incremented by 1. The PC then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip ex- ecution, loading a PCL register, a subroutine call, an ini- tial reset, an internal interrupt, an external interrupt, or returning from a subroutine, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instructions. Once the condition is met, the next instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get a proper instruction; oth- erwise proceed to the next instruction. T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 F e t c h I N S T ( P C ) E x e c u t e I N S T ( P C - 1 ) F e t c h I N S T ( P C + 1 ) E x e c u t e I N S T ( P C ) F e t c h I N S T ( P C + 2 ) E x e c u t e I N S T ( P C + 1 ) P C P C + 1 P C + 2 S y s t e m C l o c k O S C 2 ( R C o n l y ) P C Execution Flow Mode Program Counter *12 *11 *10 *9 *8 *7 *6 *5 *4 *3 *2 *1 *0 Initial Reset 0000000000000 External Interrupt 0 0000000000100 External Interrupt 1 0000000001000 Timer/Event Counter 0 Overflow 0000000001100 Timer/Event Counter 1 Overflow 0000000010000 Time Base Interrupt 0000000010100 RTC Interrupt 0000000011000 Skip Program Counter+2 Loading PCL *12 *11 *10 *9 *8 @7 @6 @5 @4 @3 @2 @1 @0 Jump, Call Branch #12 #11 #10 #9 #8 #7 #6 #5 #4 #3 #2 #1 #0 Return from Subroutine S12 S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 S0 Program Counter Note: *12~*0: Program counter bits S12~S0: Stack register bits #12~#0: Instruction code bits @7~@0: PCL bits |
Similar Part No. - HT46R65-56 |
|
Similar Description - HT46R65-56 |