Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-4832 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-4832
Description  10-Element Bar Graph Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-4832 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-4832 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-4832 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
For a Detailed Explanation on the Use of Data Sheet Information and Recommended Soldering Procedures,
See Application Note 1005.
HER, Yellow, Green
20
15
12
10
1
1.5
2
3
4
6
8
1
10
100
1000
10000
tP – PULSE DURATION – µSEC
OPERATION IN
THIS REGION
REQUIRES
TEMPERATURE
DERATING OF
IDC MAX
DC OPERATION
GREEN
HER
YELLOW
Figure 8. Maximum Tolerable Peak Current vs. Pulse Duration –
HER/Yellow/Green.
Figure 9. Maximum Allowable DC
Current vs. Ambient Temperature.
TJMAX = 100°C.
Figure 10. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.
90
3.0
5.0
4.0
2.0
VF – FORWARD VOLTAGE – V
1.0
80
70
60
50
40
30
20
10
0
GREEN SERIES
HER
SERIES
YELLOW SERIES
Figure 11. Forward Current vs.
Forward Voltage.
Figure 12. Relative Luminous
Intensity vs. DC Forward Current.
15
4.0
2.5
2.0
1.5
0.5
20
535
30
10
25
3.0
IF – FORWARD CURRENT PER SEGMENT – mA
0
1.0
3.5
40
0
40
0
5
10
15
20
25
30
35
15
95
85
75
65
55
45
35
25
TA – AMBIENT TEMPERATURE – °C
R
θ
= 600°C/W
J-A
GREEN/HER
YELLOW
GREEN
HER
YELLOW
1.4
1.1
1.2
1.3
080
70
60
50
40
30
20
10
IPEAK – PEAK SEGMENT CURRENT – mA
100
90
1.6
1.5
YELLOW SERIES
1.0
0.9
0.8
0.7
0.6
HER SERIES
GREEN SERIES


Similar Part No. - HDSP-4832

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4832 AVAGO-HDSP-4832 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HDSP-4832 AVAGO-HDSP-4832 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HDSP-4832 AVAGO-HDSP-4832 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
More results

Similar Description - HDSP-4832

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-J100 AVAGO-HLCP-J100 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HDSP-4840-FG000 AVAGO-HDSP-4840-FG000 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HLCP-J100 AVAGO-HLCP-J100_13 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
   10 BAR GRAPH ARRAY
logo
Kingbright Corporation
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
   10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com