Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2172 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2172
Description  OPERATIONAL AMPLIFIER WITH EVR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2172 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2172 Datasheet HTML 1Page - New Japan Radio NJM2172 Datasheet HTML 2Page - New Japan Radio NJM2172 Datasheet HTML 3Page - New Japan Radio NJM2172 Datasheet HTML 4Page - New Japan Radio NJM2172 Datasheet HTML 5Page - New Japan Radio NJM2172 Datasheet HTML 6Page - New Japan Radio NJM2172 Datasheet HTML 7Page - New Japan Radio NJM2172 Datasheet HTML 8Page - New Japan Radio NJM2172 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
- 3 -
NJM2172
q
EVR SECTION
(VCNT=2.7V, RL=100
Ω unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
TEST
CIRCUIT
Voltage Gain 2
GV2
VIN = -10dBV
-6.0
-3.0
0.0
dB
1
Total Harmonic
Distortion
THD
VIN = -10dBV
-
0.15
1.0
%
2
EVR Gain
GEVR
VIN=-10dBV/VCNT=2.7Vto GND
80
90
-
dB
1
Output Noise
Voltage 2
VNO2
RS = 600Ω / A - Weighted
-
-95
(18.0)
-85
(56.0)
dBV
(µVrms)
1
Maximum Output
Voltage Swing 2
VOM2
THD = 1%
-5.0
( 0.56 )
-3.0
( 0.71 )
-
dBV
(Vrms)
2
Channel
Separation
CS
VIN=-10dBV / A - Weighted
-
-79
( 110 )
-70
( 320 )
dBV
(µVrms)
1
A/B1
VCNT=1.5V,VINA=VINB=-50dBV
f=1kHz, A/B ; *1
-3.0
0.0
3.0
EVR Deviation
A/B2
VCNT=2.0V,VINA=VINB=-50dBV
f=1kHz, A/B ; *1
-3.0
0.0
3.0
dB
1
*1: Ach Amp with Bch=0dB


Similar Part No. - NJM2172

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2171AR NJRC-NJM2171AR Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2173A NJRC-NJM2173A Datasheet
50Kb / 4P
   LOW VOLTAGE MICROPHONE AMPLIFIER for PORTABLE AUDIO
NJM2173V NJRC-NJM2173V Datasheet
50Kb / 4P
   LOW VOLTAGE MICROPHONE AMPLIFIER for PORTABLE AUDIO
NJM2174 NJRC-NJM2174 Datasheet
96Kb / 3P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
More results

Similar Description - NJM2172

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8790 NJRC-NJU8790 Datasheet
361Kb / 15P
   Pushbutton Interface EVR with Class D Stereo Power Amplifier
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
   Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
   Headphone amplifier with internal LPF and EVR for CD-ROM
logo
New Japan Radio
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
   Pushbutton Interface EVR
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
logo
New Japan Radio
NJM2123 NJRC-NJM2123 Datasheet
362Kb / 9P
   DUAL OPERATIONAL AMPLIFIER WITH SWITCH?
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
   Operational Amplifier with Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com