Electronic Components Datasheet Search |
|
AIC810-23CUBG Datasheet(PDF) 3 Page - Analog Intergrations Corporation |
|
AIC810-23CUBG Datasheet(HTML) 3 Page - Analog Intergrations Corporation |
3 / 8 page AIC809/AIC810 Part No. Marking Part No. Marking Part No. Marking AIC809-23PU RA23P AIC809N23PU RB23P AIC810-23PU RD23P AIC809-26PU RA26P AIC809N26PU RB26P AIC810-26PU RD26P AIC809-29PU RA29P AIC809N29PU RB29P AIC810-29PU RD29P AIC809-31PU RA31P AIC809N31PU RB31P AIC810-31PU RD31P AIC809-40PU RA40P AIC809N40PU RB40P AIC810-40PU RD40P AIC809-44PU RA44P AIC809N44PU RB44P AIC810-44PU RD44P AIC809-46PU RA46P AIC809N46PU RB46P AIC810-46PU RD46P ABSOLUTE MAXIMUM RATINGS VCC -0.3V ~6.5V RESET, RESET -0.3V ~ (VCC+0.3V) Input Current (VCC) 20mA Output Current (RESET or RESET ) 20mA Continuous Power Dissipation (TA = +70°C) 320mW Operating Junction Temperature Range -40 °C ~ 85°C Junction Temperature 125 °C Storage Temperature Range - 65 °C ~ 150°C Lead Temperature (Soldering) 10 sec 260 °C Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. TEST CIRCUIT RE SE T VC C GN D A IC 8 0 9 V IN IIN 3 |
Similar Part No. - AIC810-23CUBG |
|
Similar Description - AIC810-23CUBG |