Electronic Components Datasheet Search |
|
AIC810-26CUBG Datasheet(PDF) 7 Page - Analog Intergrations Corporation |
|
AIC810-26CUBG Datasheet(HTML) 7 Page - Analog Intergrations Corporation |
7 / 8 page AIC809/AIC810 PIN DESCRIPTIONS 7 GND Pin : Ground. RESET Pin (AIC809) : Active low output pin. RESET Output remains low while Vcc is below the reset threshold. RESET Pin (AIC810) : Active high output pin. RESET output remains high while Vcc is below the reset threshold. Vcc Pin : Supply voltage. DETAIL DESCRIPTIONS OF TECHNICAL TERMS RESET OUTPUT μ P will be activated at a valid reset state. These μ P supervisory circuits assert reset to prevent code execution errors during power-up, power-down, or brownout conditions. RESET is guaranteed to be a logic low for VTH>VCC>0.9V. Once VCC exceeds the reset threshold, an internal timer keeps RESET low for the reset timeout period; after this interval, RESET goes high. If a brownout condition occurs (VCC drops below the reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the internal timer resets to zero, and RESET goes low. The internal timer is activated after VCC returns above the reset threshold, and RESET remains low for the reset timeout period. BENEFITS OF HIGHLY ACCURATE RESET THRESHOLD AIC809/810 with specified voltage as 5V±10% or 3V±10% are ideal for systems using a 5V±5% or 3V±5% power supply. The reset is guaranteed to assert after the power supply falls out of regulation, but before power drops below the minimum specified operating voltage range of the system ICs. The pre-trimmed thresholds are reducing the range over which an undesirable reset may occur. APPLICATION INFORMATION NEGATIVE-GOING VCC TRANSIENTS In addition to issuing a reset to the μP during power-up, power-down, and brownout conditions, AIC809 series are relatively resistant to short-duration negative-going VCC transient. ENSURING A VALID RESET OUTPUT DOWN TO VCC=0 When VCC falls below 0.9V, AIC809 RESET output no longer sinks current; it becomes an open circuit. In this case, high-impedance CMOS logic inputs connecting to RESET can drift to undetermined voltages. Therefore, AIC809/810 with CMOS is perfect for most applications of VCC below 0.9V. However in applications where RESET must be valid down to 0V, adding a pull-down resistor to RESET causes any leakage currents to flow to ground, holding RESET low. INTERFACING TO μP WITH BIDIRECTIONAL RESET PINS The RESET output on the AIC809N is open drain, this device interfaces easily with μPs that have bidirectional reset pins. Connecting the μ P supervisor’s RESET output directly to the microcontroller’s RESET pin with a single pull-up resistor allows either device to assert reset. |
Similar Part No. - AIC810-26CUBG |
|
Similar Description - AIC810-26CUBG |