Electronic Components Datasheet Search |
|
AIC809-29CUBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation |
|
AIC809-29CUBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation |
1 / 8 page AIC809/AIC810 3-Pin Microprocessor Reset Circuits Analog Integrations Corporation Si-Soft Research Center DS-809P-02 010405 3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C. TEL: 886-3-5772500 FAX: 886-3-5772510 www.analog.com.tw 1 FEATURES Ultra Low Supply Current 1 µA(typ.) Guaranteed Reset Valid to Vcc=0.9V Available in Three Output Type: Open-Drain Active Low (AIC809N), Push-Pull Active Low (AIC809), Push-Pull Active High (AIC810) 140ms Min. Power-On Reset Pulse Width Internally Fixed Threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V, 4.4V, 4.6V Tight Voltage Threshold Tolerance: 1.5% Tiny Package in SOT-23 APPLICATIONS Notebook Computers Digital Still Cameras PDAs Critical Microprocessor Monitoring DESCRIPTION AIC809/AIC810 are low-power microprocessor (µP) supervisory circuits used to monitor power supplies in µP and digital systems. They provide applications with benefits of circuit reliability and low cost by eliminating external components. These devices perform as valid singles in applications with Vcc ranging from 6.0V down to 0.9V. The reset signal lasts for a minimum period of 140ms whenever VCC supply voltage falls below preset threshold. Both AIC809 and AIC810 were designed with a reset comparator to help identify invalid signals, which last less than 140ms. The only difference between them is that they have an active-low RESET output and active-high RESET output, respectively. Low supply current (1 µA) makes AIC809/AIC810 ideal for portable equipment. The devices are available in SOT-23 package. TYPICAL APPLICATION CIRCUIT Push-Pull Output VCC VCC GND GND µP RESET INPUT RESET (RESET) VCC AIC809 (AIC810) |
Similar Part No. - AIC809-29CUBG |
|
Similar Description - AIC809-29CUBG |