Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM63184B Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM63184B
Description  4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63184B Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM63184B Datasheet HTML 2Page - OKI electronic componets MSM63184B Datasheet HTML 3Page - OKI electronic componets MSM63184B Datasheet HTML 4Page - OKI electronic componets MSM63184B Datasheet HTML 5Page - OKI electronic componets MSM63184B Datasheet HTML 6Page - OKI electronic componets MSM63184B Datasheet HTML 7Page - OKI electronic componets MSM63184B Datasheet HTML 8Page - OKI electronic componets MSM63184B Datasheet HTML 9Page - OKI electronic componets MSM63184B Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
¡ Semiconductor
MSM63184B
6/29
PAD CONFIGURATION
Pad Layout
Chip Size
: 5.35 mm ¥ 4.66 mm
Chip Thickness
: 350 mm (typ.)
Coordinate Origin
: Chip center
Pad Hole Size
: 100 mm ¥ 100 mm
Pad Size
: 110 mm ¥ 110 mm
Minimum Pad Pitch
: 140 mm
Note: The chip substrate voltage is VSS.
Y
X
60 P5.1
59 P5.2
58 P5.3
57 TST1
56 TST2
55 XT0
54 XT1
53 RESET
52 OSC0
51 OSC1
50 VDDL
49 VDD
48 CB2
47 CB1
46 VDDH
45 C2
44 C1
43 VDD5
42 VDD4
41 VDD3
40 VDD2
39 VDD1
38 VSS
P7.3
98
P7.2
99
P7.1 100
P7.0 101
BD 102
BDB 103
VDDI 104
COM1 105
COM2 106
COM3 107
COM4 108
COM5 109
COM6 110
COM7 111
COM8 112
COM9 113
COM10 114
COM11 115
COM12 116
COM13 117
COM14 118
COM15 119
COM16 120
SEG39 121
SEG38 122
SEG37 123


Similar Part No. - MSM63184B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM63184B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63326 OKI-ML63326 Datasheet
77Kb / 4P
   4-Bit Microcontroller with built-in Voice Synthesis and 1024-Dot LCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com