Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC810-46CUBG Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC810-46CUBG
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC810-46CUBG Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC810-46CUBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC810-46CUBG Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC809/AIC810
ELECTRICAL CHARACTERISTICS
4
(Typical values are at TA=25°C, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage Range
VCC
0.9
6
V
Supply Current
ICC
VCC = VTH +0.1V
1
3
µA
TA=+25°C
2.265
2.3
2.335
AIC809-23
TA= -40°C to +85°C
2.254
2.346
TA=+25°C
2.561
2.6
2.639
AIC809-26
TA= -40°C to +85°C
2.548
2.652
TA=+25°C
2.857
2.9
2.944
AIC809-29
TA= -40°C to +85°C
2.842
2.958
TA=+25°C
3.054
3.1
3.147
AIC809-31
TA= -40°C to +85°C
3.038
3.162
TA=+25°C
3.940
4.0
4.060
AIC809-40
TA= -40°C to +85°C
3.920
4.080
TA=+25°C
4.334
4.4
4.466
AIC809-44
TA= -40°C to +85°C
4.312
4.488
TA=+25°C
4.531
4.6
4.669
Reset Threshold
VTH
AIC809-46
TA=-40°C to +85°C
4.508
4.692
V
VCC to Reset Delay
TRD
VCC=VTH to (VTH -0.1V), VTH=3.1V
20
µS
TA=+25°C
140
230
560
Reset Active Timeout Period
TRP
VCC = VTH (MAX)
TA= -40°C to +85°C
100
1030
mS
VOH
VCC=VTH+0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH - 0.1V, ISINK=1mA
0.2Vcc
V
VOH
VCC=VTH-0.1V, ISOURCE=1mA
0.8VCC
RESET Output Voltage
VOL
VCC=VTH+0.1V, ISINK=1mA
0.2Vcc
V
Note1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note2: RESET output is for AIC809; RESET output is for AIC810.


Similar Part No. - AIC810-46CUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVBG AIC-AIC811-23CVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVTR AIC-AIC811-23CVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVBG AIC-AIC811-23PVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVTR AIC-AIC811-23PVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
More results

Similar Description - AIC810-46CUBG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com