Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z02-70PC6TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z02-70PC6TR
Description  5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02-70PC6TR Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z02-70PC6TR Datasheet HTML 1Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 2Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 3Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 4Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 5Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 6Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 7Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 8Page - STMicroelectronics M48Z02-70PC6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
M48Z02, M48Z12
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 5. AC Testing Load Circuit
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M48Z02
M48Z12
Unit
Supply Voltage (VCC)
4.75 to 5.5
4.5 to 5.5
V
Ambient Operating Temperature (TA)
Grade 1
0 to 70
0 to 70
°C
Grade 6
–40 to 85
°C
Load Capacitance (CL)
100
100
pF
Input Rise and Fall Times
≤ 5
≤ 5ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
AI01019
5V
OUT
CL = 100pF
CL includes JIG capacitance
1.8k
DEVICE
UNDER
TEST
1k
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
CIO
(3)
Input / Output Capacitance
10
pF


Similar Part No. - M48Z02-70PC6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02-70PC1 STMICROELECTRONICS-M48Z02-70PC1 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02-70PC1 STMICROELECTRONICS-M48Z02-70PC1 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z02-70PC6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_03 Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com