Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVW5SG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LVW5SG
Description  Vorlaufige Daten Preliminary Data
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVW5SG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LVW5SG Datasheet HTML 3Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 4Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 5Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 6Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 7Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 8Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 9Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 10Page - List of Unclassifed Manufacturers LVW5SG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LB W5SG, LV W5SG
2003-10-29
7
Durchlassstrom
2) Seite 14
Forward Current
2) page 14
I
F = f (VF); TA =25 °C
Relative Lichtstärke
2) Seite 14
Relative Luminous Intensity
2) page 14
I
V/IV(25 °C) = f (TA); IF = 350 mA
Relative Lichtstärke
2) 7) Seite 14
Relative Luminous Intensity
2) 7) page 14
I
V/IV(350 mA) = f (IF); TA =25 °C
OHL00830
10
-2
mA
IF
VF
2.0
10
0
V
10
-1
2.5 3.0 3.5 4.0 4.5 5.0
6.0
OHL02637
-60
0
T
˚C
V (25 ˚C)
I
IV
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
verde
OHL02051
1
10
mA
3
10
F
I
Φ
V (350 mA)
Φ
V
10 2
10
1
-1
10
0
10
blue
verde


Similar Part No. - LVW5SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVW5SG OSRAM-LVW5SG Datasheet
168Kb / 14P
   white SMD package, colorless clear
More results

Similar Description - LVW5SG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com