Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM63188A Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM63188A
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63188A Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM63188A Datasheet HTML 5Page - OKI electronic componets MSM63188A Datasheet HTML 6Page - OKI electronic componets MSM63188A Datasheet HTML 7Page - OKI electronic componets MSM63188A Datasheet HTML 8Page - OKI electronic componets MSM63188A Datasheet HTML 9Page - OKI electronic componets MSM63188A Datasheet HTML 10Page - OKI electronic componets MSM63188A Datasheet HTML 11Page - OKI electronic componets MSM63188A Datasheet HTML 12Page - OKI electronic componets MSM63188A Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
¡ Semiconductor
MSM63188A
9/32
PIN DESCRIPTIONS
The basic functions of each pin of the MSM63188A are described in Table 1.
A symbol with a slash (/) denotes a pin that has a secondary function.
Refer to Table 2 for secondary functions.
For type, "—" denotes a power supply pin, "I" an input pin, "O" an output pin, and "I/O" an input-
output pin.
Table 1 Pin Descriptions (Basic Functions)
Function Symbol
Pin
Type
VDD
73
VSS
62
VDD1
63
VDD2
64
VDD3
65
VDD4
66
Power
Supply
VDD5
67
C1
68
C2
69
VDDI
87
VDDL
74
VDDH
70
CB1
71
CB2
72
XT0
79
I
Oscillation
XT1
78
O
OSC0
76
I
OSC1
75
O
Test
TST1
81
I
TST2
80
I
Reset
RESET
77
I
Melody
MD
84
O
MDB
85
O
Description
Positive power supply
Negative power supply
Power supply pins for LCD bias (internally generated).
Capacitors (0.1
mF) should be connected between these pins and
VSS.
Capacitor connection pins for LCD bias generation.
A capacitor (0.1
mF) should be connected between C1 and C2.
Positive power supply pin for external interface
(power supply for input, output, and input-output ports)
Positive power supply pin for internal logic (internally generated).
A capacitor (0.1
mF) should be connected between this pin and VSS.
Voltage multiplier pin for power supply backup (internally generated).
A capacitor (1.0
mF) should be connected between this pin and VSS.
Pins to connect a capacitor for voltage multiplier.
A capacitor (1.0
mF) should be connected between CB1 and CB2.
Low-speed clock oscillation pins.
A 32.768 kHz crystal should be connected between XT0 and XT1,
and CG (5 to 25 pF) should be connected between XT0 and VSS.
High-speed clock oscillation pins.
A ceramic resonator and capacitors (CL0, CL1) or external
oscillation resistor (ROS) should be connected to these pins.
Input pins for testing.
A pull-down resistor is internally connected to these pins.
The user cannot use these pins.
Reset input pin.
Setting this pin to "H" level puts this device into a reset state.
Then, setting this pin to "L" level starts executing an instruction
from address 0000H.
A pull-down resistor is internally connected to this pin.
Melody output pin (non-inverted output)
Melody output pin (inverted output)


Similar Part No. - MSM63188A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM63188A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com