Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD61052 Datasheet(PDF) 9 Page - NEC

Part # UPD61052
Description  MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD61052 Datasheet(HTML) 9 Page - NEC

Back Button UPD61052 Datasheet HTML 5Page - NEC UPD61052 Datasheet HTML 6Page - NEC UPD61052 Datasheet HTML 7Page - NEC UPD61052 Datasheet HTML 8Page - NEC UPD61052 Datasheet HTML 9Page - NEC UPD61052 Datasheet HTML 10Page - NEC UPD61052 Datasheet HTML 11Page - NEC UPD61052 Datasheet HTML 12Page - NEC UPD61052 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
Data Sheet S15082EJ4V0DS
9
µPD61051, 61052
1.
PIN FUNCTION
Sharing pin is bold faced in name and explains the feature shown.
1.1
Video Input Interface
The video input is based on the ITU-R BT.656 format. The horizontal synchronization signal, and the vertical
synchronization signal, the field index can be used without using SAV and EAV to provide at ITU-R BT. 656, too.
Name
IO
Pin
Number
Function
Active
Polarity
IVIN7 to IVIN0
I
23 to 16
Video data
IVCLK
I
25
Video clock (27 MHz)
IVHSYNC
I
12
Horizontal synchronization
L
IVVSYNC
I
14
Vertical synchronization
L
IVFLD
I
11
Field index
1.2
Video Output Interface
The video output is based on the ITU-R BT.656 format. It is able to output horizontal and vertical synchronization
signals with SAV/EAV. These synchronization signals are chosen output by the firmware. These ports become GPO
until the firmware initializes after hardware reset.
At the time of the odd field, OVVSYNC falls in the 4th clock after falling of OVHSYNC.
At the time of the even field, OVVSYNC falls in to the H/2+4th clock the OVHSYNC falling.
Name
IO
Pin
Number
Function
Active
Polarity
OVOUT7, OVOUT6
O
208, 207
Video data
OVOUT5 to OVOUT0/
FA19 to FA14
O
206 to
201
Video data
OVCLK
O
199
Video clock (27 MHz)
GPO5/OVHSYNC
O
195
Horizontal synchronization
L
GPO6/OVVSYNC
O
197
Vertical synchronization
L
1.3
Audio Input Interface
Name
IO
Pin
Number
Function
Active
Polarity
IALRCK
I
7
Left/Right clock
IABCK
I
8
Bit clock
IABD
I
9
Bit data


Similar Part No. - UPD61052

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD61052GD-LML RENESAS-UPD61052GD-LML Datasheet
783Kb / 108P
   MOS INTEGRATED CIRCUIT
2002
UPD61052GD-LML-A RENESAS-UPD61052GD-LML-A Datasheet
783Kb / 108P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD61052

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
   MPEG2 1chip Audio/Video Encoder
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
   MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
   Single-Chip Audio/Video MPEG2 Encoder
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
   MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
logo
ESS Technology,Inc
ES7010 ESS-ES7010 Datasheet
67Kb / 4P
   MPEG2 AV Encoder Prod uct Brief
logo
NXP Semiconductors
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
   Encoder for MPEG2 image recording EMPIRE
2000 May 03
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
   SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
List of Unclassifed Man...
CL680 ETC1-CL680 Datasheet
682Kb / 4P
   SINGLE-CHIP AUDIO/VIDEO/CD-ROM DECODER WITH INTEGRATED NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com