Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128-BWBN6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24128-BWBN6
Description  256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWBN6 Datasheet(HTML) 4 Page - STMicroelectronics

  M24128-BWBN6 Datasheet HTML 1Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 2Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 3Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 4Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 5Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 6Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 7Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 8Page - STMicroelectronics M24128-BWBN6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
M24128-BW, M24128-BR, M24256-BW, M24256-BR
4/25
SUMMARY DESCRIPTION
These I2C-compatible electrically erasable pro-
grammable memory (EEPROM) devices are orga-
nized as 32K x 8 bits (M24256-BW and M24256-
BR) and 16K x 8 bits (M24128-BW and M24128-
BR).
Figure 2. Logic Diagram
Table 2. Signal Names
I2C uses a two-wire serial interface, comprising a
bi-directional data line and a clock line. The devic-
es carry a built-in 4-bit Device Type Identifier code
(1010) in accordance with the I2C bus definition.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are initiat-
ed by a Start condition, generated by the bus mas-
ter. The Start condition is followed by a Device
Select Code and Read/Write bit (RW) (as de-
scribed in Table 3.), terminated by an acknowl-
edge bit.
When writing data to the memory, the device in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Power On Reset
In order to prevent inadvertent Write operations
during Power Up, a Power On Reset (POR) circuit
is implemented.
At Power Up, the device will not respond to any in-
struction until VCC has reached the POR threshold
voltage (this threshold is lower than the VCC mini-
mum operating voltage defined in Table 8. and Ta-
ble 9.). In the same way, as soon as VCC drops
from the normal operating voltage, below the POR
threshold voltage, all the operations are disabled
and the device will not respond to any instruction.
Prior to selecting and issuing instructions to the
memory, a valid and stable VCC voltage must be
applied. This voltage must remain stable and valid
until the end of the transmission of the instruction
and, for a Write instruction, until the completion of
the internal write cycle (tW).
Figure 3. DIP, SO and TSSOP Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
AI02809
SDA
VCC
M24256-B
M24128-B
WC
SCL
VSS
3
E0-E2
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI02810B
M24256-B
M24128-B
1
2
3
4
8
7
6
5


Similar Part No. - M24128-BWBN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-BWBN6/B STMICROELECTRONICS-M24128-BWBN6/B Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128-BWBN6G STMICROELECTRONICS-M24128-BWBN6G Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128-BWBN6P STMICROELECTRONICS-M24128-BWBN6P Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128-BWBN6T STMICROELECTRONICS-M24128-BWBN6T Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24128-BWBN6TG STMICROELECTRONICS-M24128-BWBN6TG Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
More results

Similar Description - M24128-BWBN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
474Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com