Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC809N40CUTR Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC809N40CUTR
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC809N40CUTR Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC809N40CUTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC809N40CUTR Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC809/AIC810
ORDERING INFORMATION
AIC809X-XXXXXX
AIC810 -XXXXXX
Example: AIC809-31-CUTR
3.1V and push-pull version, in SOT-23 Package & Tape & Reel Packing Type
AIC809-31-PUTR
3.1V and push-pull version, in Lead Free SOT-23 Package & Tape & Reel Packing
Type
PIN CONFIGURATION
SOT-23
TOP VIEW
1: GND
2: RESET (RESET)
3: VCC
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
U: SOT-23
C: COMMERCIAL
P: LEAD FREE COMMERCIAL
RESET THRESHOLD VOLTAGE
23: 2.3V
26: 2.6V
29: 2.9V
31: 3.1V
40: 4.0V
44: 4.4V
46: 4.6V
OUTPUT TYPE
DEFAULT: Push-Pull type
N: N-ch Open-Drain type
(Additional voltage versions with a unit of 0.1V within the voltage range from 1.5V to 5.5V for this
product line may be available on demand with prior consultation with AIC.)
2
1
3
SOT-23 Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC809-23CU
RA23
AIC809N23CU
RB23
AIC810-23CU
RD23
AIC809-26CU
RA26
AIC809N26CU
RB26
AIC810-26CU
RD26
AIC809-29CU
RA29
AIC809N29CU
RB29
AIC810-29CU
RD29
AIC809-31CU
RA31
AIC809N31CU
RB31
AIC810-31CU
RD31
AIC809-40CU
RA40
AIC809N40CU
RB40
AIC810-40CU
RD40
AIC809-44CU
RA44
AIC809N44CU
RB44
AIC810-44CU
RD44
AIC809-46CU
RA46
AIC809N46CU
RB46
AIC810-46CU
RD46
2


Similar Part No. - AIC809N40CUTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVBG AIC-AIC811-23CVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVTR AIC-AIC811-23CVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVBG AIC-AIC811-23PVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVTR AIC-AIC811-23PVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
More results

Similar Description - AIC809N40CUTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com