Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1DU064NDFB-0QC00 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # MC1DU064NDFB-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064NDFB-0QC00 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button MC1DU064NDFB-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 12Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
MultiMediaCard
TM
9
2.6.5 Memory Array Partitioning
Although the MultiMediaCard memory space is byte addressable with addresses ranging from 0 to the
last byte, it is not a simple byte array but divided into several structures. Memory bytes are grouped
into 512 byte blocks called sectors. Every block can be read, written individually.
Erase group is a number of sectors. Its size is the number of consecutive sectors. Any combination of
erase groups can be erased in a single erase command. A write command implicitly erases the
memory before writing new data into it. Explicit erase command can be used for pre-erasing of memory
to speed up the next write operation.
Write Protect Groups (WPG) is the minimal units that may have individual write protection. Its size is
the number of erase units that will be write protected by on bit. The write/erase access to each WPG
can be limited individually. The number of various memory structures, for the different MultiMediaCards
are summarized in Table 2-1
Table 2-1 Memory Array Structure
Bytes
32MB
64MB
128MB
256MB
512MB
1GB
Sectors
62,720
125,440
250,880
501,760
1,003,520
2,007,040
Erase
Group
1,960
3,920
980
1,960
3,920
7,840
WPG
490
980
245
490
980
1,960
Read and Write Operations
The MultiMediaCard supports two read/write modes.
Single Block Mode
In this mode the host reads or writes one data block in a pre-specified length block transmission is
protected with 16 bit CRC which is generated by the sending unit and checked by the receiving unit.
Misalignment is not allowed. Every data block must be contained in a single memory sector. The block
length for write operations must be identical to the sector size and the start address aligned to a sector
boundary.
Multiple Block Mode
This mode is similar to the single block mode, but the host can read/write multiple data blocks (all have
the same length) which will be stored or retrieved from contiguous memory addresses starting at the
address specified in the command.
The operation is terminated with a stop transmission command. Misalignment and block length
restrictions apply to multiple blocks as well and are identical to the single block read/write operations.
Multiple block read with pre-defined block is supported.
2.6.6 Data Transfer Rate
The average data transfer rate for the MultiMediaCard is 1 Mbyte/sec for read and 300 Kbyte/Sec for
write (erase time is included) at 3.3 Volts. In block mode, where time gaps can be inserted between
data blocks, the maximum clock frequency is 20MHz. The typical access time (latency) for each data
block, in read operation, is 1.5ms. The write block operation is done in handshake mode. The card will
keep data line DAT low as long as the write operation is in progress and there are no write buffers
available


Similar Part No. - MC1DU064NDFB-0QC00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Similar Description - MC1DU064NDFB-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com