Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BWMN6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M24256-BWMN6
Description  256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BWMN6 Datasheet(HTML) 5 Page - STMicroelectronics

  M24256-BWMN6 Datasheet HTML 1Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 2Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 3Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 4Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 5Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 6Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 7Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 8Page - STMicroelectronics M24256-BWMN6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
M24128-BW, M24128-BR, M24256-BW, M24256-BR
SIGNAL DESCRIPTION
Serial Clock (SCL). This input signal is used to
strobe all data in and out of the device. In applica-
tions where this signal is used by slave devices to
synchronize the bus to a slower clock, the bus
master must have an open drain output, and a
pull-up resistor must be connected from Serial
Clock (SCL) to VCC. (Figure 4. indicates how the
value of the pull-up resistor can be calculated). In
most applications, though, this method of synchro-
nization is not employed, and so the pull-up resis-
tor is not necessary, provided that the bus master
has a push-pull (rather than open drain) output.
Serial Data (SDA). This bi-directional signal is
used to transfer data in or out of the device. It is an
open drain output that may be wire-OR’ed with
other open drain or open collector signals on the
bus. A pull up resistor must be connected from Se-
rial Data (SDA) to VCC. (Figure 4. indicates how
the value of the pull-up resistor can be calculated).
Chip Enable (E0, E1, E2). These input signals
are used to set the value that is to be looked for on
the three least significant bits (b3, b2, b1) of the 7-
bit Device Select Code. These inputs must be tied
to VCC or VSS, to establish the Device Select
Code. When not connected (left floating), these in-
puts are read as Low (0,0,0).
Write Control (WC). This input signal is useful
for protecting the entire contents of the memory
from inadvertent write operations. Write opera-
tions are disabled to the entire memory array when
Write Control (WC) is driven High. When uncon-
nected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven High, Device
Select and Address bytes are acknowledged,
Data bytes are not acknowledged.
Figure 4. Maximum RP Value versus Bus Parasitic Capacitance (C) for an I
2C Bus
AI01665b
VCC
C
SDA
RP
MASTER
RP
SCL
C
100
0
4
8
12
16
20
C (pF)
10
1000
fc = 400kHz
fc = 100kHz


Similar Part No. - M24256-BWMN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BWMN6G STMICROELECTRONICS-M24256-BWMN6G Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BWMN6P STMICROELECTRONICS-M24256-BWMN6P Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BWMN6T STMICROELECTRONICS-M24256-BWMN6T Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24256-BWMN6TG STMICROELECTRONICS-M24256-BWMN6TG Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BWMN6TP STMICROELECTRONICS-M24256-BWMN6TP Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
More results

Similar Description - M24256-BWMN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
474Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com