Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C09Y-1.8TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25C09Y-1.8TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C09Y-1.8TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25C09Y-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C09Y-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
SPI modes (0,0 & 1,1).
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
25C11/03/05/09/17. Opcodes, byte addresses, or data
present on the SI pin are latched on the rising edge of the
SCK. Data on the SO pin is updated on the falling edge of
the SCK for SPI modes (0,0 & 1,1).
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25C11/
03/05/09/17 and
CS high disables the CAT25C11/03/05/
09/17.
CS high takes the SO output pin to high impedance
76543210
WPEN
1
1
BP2
BP1
BP0
WEL
RDY
STATUS REGISTER
BP2
BP1
BP0
0
0
0
Non-Protection
0
0
1
Q1 Protected
0
1
0
Q2 Protected
0
1
1
Q3 Protected
1
0
0
Q4 Protected
1
0
1
H1 Protected
1
1
0
P0 Protected
1
1
1
Pn Protected
MEMORY PROTECTION
25C11
25C03
25C05
25C09
25C17
Q1
00-1F
00-3F
000-07F
000-0FF
000-1FF
Q2
20-3F
40-7F
080-0FF
100-1FF
200-3FF
Q3
40-5F
80-BF
100-17F
200-2FF
400-5FF
Q4
60-7F
C0-FF
180-1FF
300-3FF
600-7FF
H1
00-3F
00-7F
000-0FF
000-1FF
000-3FF
P0
00-0F
00-0F
000-00F
000-01F
000-01F
Pn
70-7F
F0-FF
1F0-1FF
3E0-3FF
7E0-7FF
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
and forces the devices into a Standby Mode (unless an
internal write operation is underway) The CAT25C11/03/
05/09/17 draws ZERO current in the Standby mode. A
high to low transition on
CS is required prior to any
sequence being initiated. A low to high transition on
CS
after a valid write sequence is what initiates an internal
write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will allow
normal read/write operations when held high. When
WP is
tied low and the WPEN bit in the status register is set to "1",
all write operations to the status register are inhibited.
WP
going low while
CS is still low will interrupt a write to the
status register. If the internal write cycle as already been
initiated,
WP going low will have no effect on any write
BYTE ADDRESS
Device
Address Significant Bits
Address Don't Care Bits
# Address Clock Pulse
CAT25C11
A6 - A0
A7
8
CAT25C03
A7 - A0
8
CAT25C05
A7 - A0 (A8 = X bit from Opcode)
8
CAT25C09
A9 - A0
A15 - A10
16
CAT25C17
A10 - A0
A15 - A11
16


Similar Part No. - CAT25C09Y-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C09YATE13 CATALYST-CAT25C09YATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09YETE13 CATALYST-CAT25C09YETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09YITE13 CATALYST-CAT25C09YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C09Y-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com