Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2046ADR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2046ADR
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2046ADR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2046ADR Datasheet HTML 6Page - Texas Instruments TPS2046ADR Datasheet HTML 7Page - Texas Instruments TPS2046ADR Datasheet HTML 8Page - Texas Instruments TPS2046ADR Datasheet HTML 9Page - Texas Instruments TPS2046ADR Datasheet HTML 10Page - Texas Instruments TPS2046ADR Datasheet HTML 11Page - Texas Instruments TPS2046ADR Datasheet HTML 12Page - Texas Instruments TPS2046ADR Datasheet HTML 13Page - Texas Instruments TPS2046ADR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(EN) = 0 V, VI(EN) = VI(IN) (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS204xA
TPS205xA
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
IO = 0.25 A
TJ = 25°C,
80
100
80
100
Static drain-source on-state
resistance, 5-V operation
VI(IN) = 5 V,
IO = 0.25 A
TJ = 85°C,
90
120
90
120
rDS( )
VI(IN) = 5 V,
IO = 0.25 A
TJ = 125°C,
100
135
100
135
m
rDS(on)
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 25°C,
90
125
90
125
Static drain-source on-state
resistance, 3.3-V operation
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 85°C,
110
145
110
145
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 125°C,
120
160
120
160
t
Rise time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL=20 Ω
2.5
2.5
ms
tr
Rise time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL=20 Ω
3
3
ms
tf
Fall time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL=20 Ω
4.4
4.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL=20 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ENx or ENx
PARAMETER
TEST CONDITIONS
TPS204xA
TPS205xA
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
0.4
II
Input current
TPS204xA
VI(ENx) = 0 V or VI(ENx) = VI(IN)
–0.5
0.5
µA
II
Input current
TPS205xA
VI(ENx) = VI(IN) or VI(ENx) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL=20 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL=20 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS204xA
TPS205xA
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(IN) = 5 V, OUT connected to GND,
Device enabled into short circuit
0.3
0.5
0.7
0.3
0.5
0.7
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Similar Part No. - TPS2046ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2046AD TI1-TPS2046AD Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2046ADR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com