Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP420MA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # SBFP420MA
Description  SBFP420MA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP420MA Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button SBFP420MA Datasheet HTML 3Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 4Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 5Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 6Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 7Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 8Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 9Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 10Page - Sanyo Semicon Device SBFP420MA Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SBPF420M
No.7411-7/14
S パラメータ(エミッタ接地)
VCE=2V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.808
--22.9
13.475
162.0
0.018
77.4
0.957
--14.0
400
0.778
--44.0
12.480
146.4
0.033
67.0
0.892
--26.0
600
0.690
--60.1
10.781
133.2
0.043
59.1
0.809
--34.0
800
0.643
--75.7
9.675
122.6
0.050
53.7
0.725
--40.9
1000
0.605
--88.8
8.492
113.4
0.057
49.1
0.666
--45.5
1200
0.551
--101.0
7.703
106.2
0.061
47.6
0.617
--49.5
1400
0.523
--110.5
6.894
99.8
0.066
45.8
0.578
--52.9
1600
0.497
--120.1
6.233
93.8
0.070
44.9
0.539
--55.4
1800
0.473
--128.7
5.697
89.0
0.073
44.6
0.510
--57.6
2000
0.455
--136.0
5.052
84.6
0.077
43.6
0.503
--58.5
2200
0.443
--143.3
4.817
79.9
0.081
43.4
0.467
--61.0
2400
0.433
--150.2
4.472
75.8
0.084
42.7
0.448
--62.3
2600
0.424
--156.0
4.124
71.6
0.088
42.9
0.434
--62.7
2800
0.417
--162.1
3.801
68.4
0.092
41.7
0.425
--63.9
3000
0.412
--169.8
3.706
64.7
0.096
41.8
0.394
--66.8
3200
0.411
--175.7
3.498
61.1
0.099
41.5
0.377
--68.3
3400
0.411
178.3
3.322
57.7
0.103
41.2
0.363
--69.6
3600
0.413
172.6
3.158
54.5
0.108
40.9
0.349
--71.3
3800
0.416
167.5
3.015
51.2
0.112
40.0
0.334
--72.9
4000
0.424
162.9
2.879
48.1
0.116
39.6
0.321
--75.2
4200
0.431
157.6
2.760
44.9
0.119
38.7
0.306
--77.4
4400
0.436
152.7
2.658
41.7
0.124
37.8
0.292
--79.8
4600
0.445
148.4
2.550
38.7
0.128
37.2
0.281
--82.1
4800
0.452
144.4
2.457
35.7
0.132
35.9
0.270
--84.5
5000
0.455
140.3
2.373
32.8
0.136
35.1
0.260
--87.2
5200
0.464
137.2
2.260
29.9
0.139
34.0
0.261
--89.9
5400
0.467
133.1
2.214
27.0
0.144
33.3
0.247
--93.0
5600
0.475
130.1
2.098
24.6
0.148
32.1
0.259
--96.3
5800
0.477
127.0
2.073
21.4
0.153
30.7
0.243
--99.2
6000
0.479
123.1
2.021
18.5
0.157
29.4
0.239
--102.3


Similar Part No. - SBFP420MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com