Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ603-ZJ Datasheet(PDF) 2 Page - NEC

Part # 2SJ603-ZJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ603-ZJ Datasheet(HTML) 2 Page - NEC

  2SJ603-ZJ Datasheet HTML 1Page - NEC 2SJ603-ZJ Datasheet HTML 2Page - NEC 2SJ603-ZJ Datasheet HTML 3Page - NEC 2SJ603-ZJ Datasheet HTML 4Page - NEC 2SJ603-ZJ Datasheet HTML 5Page - NEC 2SJ603-ZJ Datasheet HTML 6Page - NEC 2SJ603-ZJ Datasheet HTML 7Page - NEC 2SJ603-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14648EJ3V0DS
2
2SJ603
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−60 V, VGS = 0 V
−10
µA
Gate Leakage Current
IGSS
VGS =
m 20 V, VDS = 0 V
m 10
µA
Gate Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−1.5
−2.0
−2.5
V
Forward Transfer Admittance
| yfs |VDS =
−10 V, ID = −13 A
10
21
S
Drain to Source On-state Resistance
RDS(on)1
VGS =
−10 V, ID = −13 A
38
48
m
RDS(on)2
VGS =
−4.0 V, ID = −13 A
53
75
m
Input Capacitance
Ciss
VDS =
−10 V
1900
pF
Output Capacitance
Coss
VGS = 0 V
350
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
140
pF
Turn-on Delay Time
td(on)
VDD =
−30 V, ID = −13 A
10
ns
Rise Time
tr
VGS =
−10 V
11
ns
Turn-off Delay Time
td(off)
RG = 0
66
ns
Fall Time
tf
20
ns
Total Gate Charge
QG
VDD =
−48 V
38
nC
Gate to Source Charge
QGS
VGS =
−10 V
7
nC
Gate to Drain Charge
QGD
ID =
−25 A
10
nC
Body Diode Forward Voltage
VF(S-D)
IF = 25 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 25 A, VGS = 0 V
49
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
µs
100
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG.
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS (
−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS (
−)
10%
90%
10%
0
VDS (
−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG =
−2 mA
VGS


Similar Part No. - 2SJ603-ZJ

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ603-ZJ KEXIN-2SJ603-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ603-ZJ RENESAS-2SJ603-ZJ Datasheet
215Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SJ603-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com