Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7886ADP-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7886ADP-T1
Description  N-Channel 30-V D-S MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7886ADP-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7886ADP-T1 Datasheet HTML 1Page - Vishay Siliconix SI7886ADP-T1 Datasheet HTML 2Page - Vishay Siliconix SI7886ADP-T1 Datasheet HTML 3Page - Vishay Siliconix SI7886ADP-T1 Datasheet HTML 4Page - Vishay Siliconix SI7886ADP-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7886ADP
Vishay Siliconix
www.vishay.com
2
Document Number: 73156
S-51016—Rev. B, 23-May-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 25 A
0.0032
0.0040
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 23 A
0.0037
0.0048
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 25 A
90
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.7
1.1
V
Dynamicb
Input Capacitance
Ciss
6450
Output Capacitance
Coss
VDS = 15 V, Vss = 0 V, f = 1 kHz
873
pF
Reverse Transfer Capacitance
Crss
DS
ss
402
p
Total Gate Charge
Qg
47
60
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 25 A
12.5
nC
Gate-Drain Charge
Qgd
DS
5, GS
5, D
5
9.0
C
Gate Resistance
Rg
0.5
1.0
1.5
W
Turn-On Delay Time
td(on)
17
30
Rise Time
tr
VDD = 15 V, RL = 15 W
14
25
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
158
230
ns
Fall Time
tf
g
43
65
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
02468
10
VGS = 10 thru 3 V
25_C
TC = 125_C
−55_C
2 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)


Similar Part No. - SI7886ADP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7886DP VISHAY-SI7886DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 18-Apr-02
More results

Similar Description - SI7886ADP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com