Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ605-Z Datasheet(PDF) 6 Page - NEC

Part # 2SJ605-Z
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ605-Z Datasheet(HTML) 6 Page - NEC

  2SJ605-Z Datasheet HTML 1Page - NEC 2SJ605-Z Datasheet HTML 2Page - NEC 2SJ605-Z Datasheet HTML 3Page - NEC 2SJ605-Z Datasheet HTML 4Page - NEC 2SJ605-Z Datasheet HTML 5Page - NEC 2SJ605-Z Datasheet HTML 6Page - NEC 2SJ605-Z Datasheet HTML 7Page - NEC 2SJ605-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14650EJ2V0DS
6
2SJ605
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
25
50
75
100
160
140
120
100
80
60
40
20
0
125
150
VDD = –30 V
RG = 25
VGS = –20
→ 0 V
IAS
≤ –45 A


Similar Part No. - 2SJ605-Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ605-Z RENESAS-2SJ605-Z Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Guangdong Kexin Industr...
2SJ605-ZJ KEXIN-2SJ605-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ605-ZJ RENESAS-2SJ605-ZJ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SJ605-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com