Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1580 Datasheet(PDF) 4 Page - NEC

Part # 2SK1580
Description  MOS FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK1580 Datasheet(HTML) 4 Page - NEC

  2SK1580 Datasheet HTML 1Page - NEC 2SK1580 Datasheet HTML 2Page - NEC 2SK1580 Datasheet HTML 3Page - NEC 2SK1580 Datasheet HTML 4Page - NEC 2SK1580 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet D13555EJ5V0DS
4
2SK1580
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
10
1
100
ID - Drain Current - mA
0
TA = 150˚C
75˚C
−25˚C
25˚C
VGS = 2.5 V
Pulsed
330
5
15
10
Tch - Channel Temperature - ˚C
30
0
–30
150
120
60
90
15
10
5
0
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. CHANNEL TEMPERATURE
VGS = 2.5 V
VGS = 4 V
ID = 1 mA
Pulsed
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
30
100
13
10
0.3
0.1
VDS - Drain to Source Voltage - V
0.1
100
10
1
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHZ
2
10
20
100
200
ID - Drain Current - mA
td(off)
td(on)
tf
tr
SWITCHING CHARACTERISTICS
1000
300
100
30
10
VDD = 3 V
VGS = 3 V
RG = 10


Similar Part No. - 2SK1580

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1580 RENESAS-2SK1580 Datasheet
327Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1991
More results

Similar Description - 2SK1580

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com