Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6389C Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6389C
Description  1,048,576-Word x 1-Bit Solid-State Recorder Data Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6389C Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6389C Datasheet HTML 1Page - OKI electronic componets MSM6389C Datasheet HTML 2Page - OKI electronic componets MSM6389C Datasheet HTML 3Page - OKI electronic componets MSM6389C Datasheet HTML 4Page - OKI electronic componets MSM6389C Datasheet HTML 5Page - OKI electronic componets MSM6389C Datasheet HTML 6Page - OKI electronic componets MSM6389C Datasheet HTML 7Page - OKI electronic componets MSM6389C Datasheet HTML 8Page - OKI electronic componets MSM6389C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
¡ Semiconductor
MSM6389C
1/11
GENERAL DESCRIPTION
The MSM6389C is a solid-state recorder data register in 1,048,576 words x 1 bit configuration.
The MSM6389C has a built-in internal address generator circuit allowing continuous serial read/
write operation by single external clock input. The internal address is automatically incremented by
one by read/write operation.
Address designation in units of 1024 words in the direction of words is possible by an external serial
address input.
The built-in refresh timer and refresh counter have eliminated the need of an external refresh circuit
and realized a low power consumption.
18-pin plastic QFJ is used as the package and the operating temperature range is between 0
°C and
70
°C.
The MSM6389C is suitable for storing large capacity data with battery backup. A solid state recording
and playback system can easily be constructed in combination with OKI’s voice synthesizer ICs.
FEATURES
• Configuration:
1,048,576 x 1 bit
• Serial access operation:
Serial access time
1.5 ms (3.0 ms)
Serial read/write cycle time
2.0 ms (4.0 ms)
Fast mode read/write cycle time 0.4 ms (0.4 ms)
Times in parentheses indicate ones in self-refresh mode.
• Low current consumption:
100 mA max. (for data holding, VCC=4.0V)
• Wide operating supply voltage range:
Single 3.5 to 5.5V
• Auto-refresh/self-refresh changeable
• Package:
18-pin plastic QFJ (QFJ18-P-R290-1.27) (Product name: MSM6389CJS)
¡ Semiconductor
MSM6389C
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
E2D0033-39-21
This version: Feb. 1999
Previous version: May. 1997


Similar Part No. - MSM6389C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6307 OKI-MSM6307 Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6307GS-VK OKI-MSM6307GS-VK Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6307RS OKI-MSM6307RS Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6309 OKI-MSM6309 Datasheet
966Kb / 24P
   SOLID STATE RECORDING LSI(FOR 256K-bit SRAM)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM6389C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
   1,048,576-Word x 1-Bit Solid-State Recorder Data Register
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
   4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
   8,388,608-Word x 1-Bit Serial Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
   4,194,304-word x 1-bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
   524,288-Word x 1-Bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
   8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
   4,194,304-word x 1-bit Serial Register
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com