Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P15D123R3D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P15D123R3D
Description  15W DC-DC Converter P15D-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P15D123R3D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P15D123R3D Datasheet HTML 1Page - List of Unclassifed Manufacturers P15D123R3D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15W DC-DC Converter P15D-Series
Efficiency up to 92 %
Wide 2:1 input range
1500 VDC isolation
Continuous short circuit protection
Five – sided continuous shield
Standard package 2” x 1” x 0.4”
Model selection guide
Typ
Input nominal voltage
[VDC]
Output voltage
[VDC]
Output current
[mA]
Efficiency typ.
[%]
Single output
P15D123R3S
9...18
3.3
3000
83
P15D1205S
9...18
5.0
3000
83
P15D127R2S
9...18
7.2
2083
83
P15D1209S
9...18
9.0
1667
84
P15D1212S
9...18
12.0
1250
85
P15D1215S
9...18
15.0
1000
85
P15D1218S
9...18
18.0
833
86
P15D1224S
9...18
24.0
625
86
P15D243R3S
18...36
3.3
3000
84
P15D2405S
18...36
5.0
3000
85
P15D247R2S
18...36
7.2
2083
86
P15D2409S
18...36
9.0
1667
87
P15D2412S
18...36
12.0
1250
88
P15D2415S
18...36
15.0
1000
88
P15D2418S
18...36
18.0
833
89
P15D2424S
18...36
24.0
625
90
P15D483R3S
36...72
3.3
3000
85
P15D4805S
36...72
5.0
3000
86
P15D487R2S
36...72
7.2
2083
86
P15D4809S
36...72
9.0
1667
87
P15D4812S
36...72
12.0
1250
89
P15D4815S
36...72
15.0
1000
89
P15D4818S
36...72
18.0
833
90
P15D4824S
36...72
24.0
625
92
Dual output
P15D123R3D
9...18
±3.3
±1500
83
P15D1205D
9...18
±5.0
±1500
83
P15D127R2D
9...18
±7.2
±1042
83
P15D1209D
9...18
±9.0
±833
84
P15D1212D
9...18
±12.0
±625
85
P15D1215D
9...18
±15.0
±500
85
P15D1218D
9...18
±18.0
±417
86
P15D1224D
9...18
±24.0
±312
86
P15D243R3D
18...36
±3.3
±1500
83
P15D2405D
18...36
±5.0
±1500
85
P15D247R2D
18...36
±7.2
±1042
86
P15D2409D
18...36
±9.0
±833
87
P15D2412D
18...36
±12.0
±625
88
P15D2415D
18...36
±15.0
±500
88
P15D2418D
18...36
±18.0
±417
89
P15D2424D
18...36
±24.0
±312
90
P15D483R3D
36...72
±3.3
±1500
84
P15D4805D
36...72
±5.0
±1500
86
P15D487R2D
36...72
±7.2
±1042
86
P15D4809D
36...72
±9.0
±833
87
P15D4812D
36...72
±12.0
±625
89
P15D4815D
36...72
±15.0
±500
89
P15D4818D
36...72
±18.0
±417
89
P15D4824D
36...72
±24.0
±312
90
Page 1 of 2
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch


Similar Part No. - P15D123R3D

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15D123R3D HY-LINE-P15D123R3D Datasheet
1Mb / 5P
   15 W DC-DC Converter P15D-Series
Rev: 20180712 f
More results

Similar Description - P15D123R3D

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15D123R3S HY-LINE-P15D123R3S Datasheet
1Mb / 5P
   15 W DC-DC Converter P15D-Series
Rev: 20180712 f
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
HY-LINE Power Component...
P15C24S05 HY-LINE-P15C24S05 Datasheet
175Kb / 2P
   15W DC-DC Converter P15C-Series
Rev: 04 / 2005 f
P15B12S33 HY-LINE-P15B12S33 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
logo
HY ELECTRONIC CORP.
P15C24S05 HY-P15C24S05 Datasheet
174Kb / 2P
   15W DC-DC Converter P15C-Series
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
logo
STMicroelectronics
GS15T5-52 STMICROELECTRONICS-GS15T5-52 Datasheet
60Kb / 2P
   15W DC-DC CONVERTER FOR ECL
June 1994
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com